Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download ZS1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES

ZS Series
High ripple current, low impedance series with 7mm height Load life of 1000 hours at 105C
OUTLINE
mm D F d 4 1.5 5 2.0 6.3 2.5 8 3.5
0.45
0.50
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature Characteristics 20% (M) 6.3 ~ 50Vdc -40C ~ +105C (After 3 minutes applying the DC working voltage) Leakage Current (25C)
I 0.01CV or 3 (u A) I : Leakage Current (u A) W.V. 6.3 8 6.3 0.22 6.3 3 6
C : Rated Capacitance (u F) 10 13 10 0.19 10 3 6 16 20 16 0.16 16 3 6 25 32 25 0.14 25 2 4
V : Working Voltage (V) 35 44 35 0.12 35 2 4
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C) tan W.V. - 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 1000 hours application of WV at +105C, the capacitor shall meet the following limits: Capacitance Change Load Test tan Leakage Current 20% of initial value 200% of initial specified value initial specified value
After 500 hours, no voltage applied at + 105C for 500 hours, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 20% of initial value 200% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 4.7 6.8 10 22 33 47 68 100 220 ] 4x7 5x7 5x7 6.3 x 7 8x7 4x7 5x7 5x7 6.3 x 7 8x7 ] 5x7 6.3 x 7 6.3 x 7 8x7 8x7 6.3 10 16 25 ] ] 4x7 5x7 6.3 x 7 8x7 8x7 35 4x7 4x7 5x7 6.3 x 7 8x7 8x7
D x L (mm)
RIPPLE CURRENT & IMPEDANCE
WV uF 4.7 6.8 10 22 33 47 68 100 220 65 100 115 155 200 ] 1.62 1.45 0.97 0.8 0.46 60 95 110 150 185 2.13 1.55 1.02 0.88 0.63 85 130 140 170 190 ] 1.76 1.12 0.85 0.67 0.6 70 105 135 160 175 Item R.C 6.3 Imp RC 10 Imp RC 16 Imp RC 25 Imp ] ] 3.27 1.73 1.08 0.8 0.64
RC: mA (rms) at 100KHz 105C Imp: (ohm) at 100KHz 25C
35 RC 48 65 110 130 155 165 Imp 4.05 3.39 2.43 1.26 0.92 0.74
Hz
RIPPLE CURRENT COEFFICIENTS
Temperature(C) Multiplier 45 2.40 65 2.15 85 1.70 105 1.00
uF 4.7 ~ 33 47 ~ 220
60(50) 0.35 0.60
120 0.45 0.70
1K 0.75 0.85
10K 0.90 0.95
100K 1.00 1.00
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of ZS1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X